PART |
Description |
Maker |
501571-4007 501571-5007 501571-3007 501571-3051 50 |
1.0 WIRE TO BOARD CONN. 2-ROW R/A WAFER ASSY -LEAD FREE-
|
http:// Molex Electronics Ltd.
|
125SH-B-XX-MTR-SMT |
WIRE TO BOARD WAFER SMT SIDE ENTRY
|
Adam Technologies, Inc.
|
53325-1360 53325-0760 53325-0260 53325-1060 53325- |
2.0 WtB Wafer Assy RA 13Ckt 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:1; Series:Mi II; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 11Ckt 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
501331-1587 5013311597 501331-0907 501331-1507 501 |
1.0 WIRE TO BOARD CONN. WAFER ASSY (1-ROW S/T) 6-15CKT 1.0 WtB 1-Row Str WaferAssyEmbsTpPkg9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.0 WtB 1-Row StrWaferAssyEmbsTpPkg15Ckt 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.0 WtB 1-Row Str WaferAssyEmbsTpPkg6Ckt 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
501334-0000 5013340100 |
1.0 WIRE TO BOARD CONN. CRIMP REC TERMINAL (SN) -LEAD FREE-
|
Molex Electronics Ltd.
|
99-99-0995 99-99-0990 99-99-0994 99-99-0996 |
11CKT 2.5MM L/P WAFER ASY 526711AX 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6CKT 2.5MM L/P WAFER ASY 526706AX 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10CKT 2.5MM L/P WAFER ASY 526710AX 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 2.5MM L/P WAFER ASY 526712AX 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
09-65-2048 09-65-2068 09-65-2058 09-65-2028 09-65- |
Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,5 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2POS 3.96MM VERT TIN 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11CKT 3.96MM WAFER W/LOCK 527311A 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 3.96MM WAFER W/LOCK 527312A 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
SOLC-105-02-S-Q SOLC-115-02-S-Q SOLC-140-02-S-Q SO |
CONN RCPT .05 5X4POS GOLD SMD 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 15X4POS GOLD SMD 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 40X4POS GOLD SMD 160 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 20X4POS GOLD SMD 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 25X4POS GOLD SMD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 45X4POS GOLD SMD 180 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
DBCA33A04BTA5 DBCA33A04BTB5 DBCA33A06BTA5 DBCA33A0 |
BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
|
Dubilier
|
19121-0030 19121-0007 19121-0009 19121-0053 |
CONN FLANGED SPADE #10 14-16AWG 2 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #8 18-22AWG 1 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #10 18-22AWG 1 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc.
|
|